|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
product data sheet part number: C6049A date: 10/25/2007 revision level: 0 9sp 18 16/30 tc pe pvc computer cable a. construction diameters b. industry approvals c. electrical properties conductor: insulation: jacket: print legend: cable: pairing #18 awg 16/30 tinned copper 0.016 wall polyethylene 0.048 wall polyvinyl chloride C gray 0.048 nom. carol (r) 18 awg - - C6049A - - 75c e111240-8 cm (u l) c (ul) or awm style 2919 low voltage computer cable --- csa ll69381 cmh --- made in usa (date code) 9p with mylar wrap, al / pe tape 0.553" nom. 0.080 nom. 0.649" +/- 0.032" 2 conductors @ 2.00 lhl # 22 awg 7/30 tc dw over each pair. 0.170 nom. temperature: suggested working voltage (vrms): conductor d.c. resistance: mutual capacitance: characteristic impedance: shield resistance: ground capacitance: 80c 30v 6.4 ohms/1000 ft nom 25.31 pf/ft @ 1khz nom 61 ohms @ 1mhz nom 8.3 ohms/1000 ft nom 45.56 pf/ft @ 1khz nom national electrical code article 800 ul standard 444 type cm(ul) c(ul) csa international type cmh ul subject 758 awm style 2919 1 2 3 4 5 6 7 8 9 black & red black & white black & green black & blue black & yellow black & brown black & orange red & white red & green d. color code (listed as individual conductors or pairs of conduc tors) note: data are subject to change without notice. contact your customer service representative for la test information.
|
Price & Availability of C6049A |